Part Number Hot Search : 
2SK2936 RF151 EL5160IS 2SB1386 CA2830C P2301 UN9117 8805GEDS
Product Description
Full Text Search
 

To Download KBPC4004GS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W TE
PO WE R SEM IC O ND UC TO R S
KBPC40, 50GS SERIES
40, 50A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER
Features
! ! ! ! ! ! ! Glass Passivated Die Construction Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability Ideal for Printed Circuit Boards Designed for Saving Mounting Space A
KBPC-S Dim Min Max A 28.40 28.70 B 10.97 11.23 C 13.90 -- D 19.10 -- E 5.10 -- G 1.20 O Typical H 3.05 3.60 All Dimensions in mm
-~~+
Mechanical Data
! ! ! ! ! ! Case: Epoxy Case with Heat Sink Internally Mounted in the Bridge Encapsulation Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Weight: 30 grams (approx.) Mounting Position: Any Marking: Type Number
C D EE
METAL HEATSINK
G
B
H
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristics Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 55C Non-Repetitive Peak Forward Surge Current, 8.3ms Single Half-sine-wave Superimposed on Rated Load (JEDEC Method) Forward Voltage Drop (per element) KBPC40 KBPC50 KBPC40 KBPC50 Symbol VRRM VRWM VR VR(RMS) IO
@TA=25C unless otherwise specified
-00GS -01GS -02GS -04GS -06GS -08GS -10GS 50 35 100 70 200 140 400 280 40 50 400 400 600 420 800 560 1000 700
Unit V V A
IFSM
A
KBPC40 @IF = 20A KBPC50 @IF = 25A @TC = 25C @TC = 125C
VFM IR RJC VISO Tj, TSTG
1.1 5.0 500 1.5 2500 -65 to +150
V A K/W V C
Peak Reverse Current at Rated DC Blocking Voltage (per element)
Typical Thermal Resistance (per element) (Note 1) RMS Isolation Voltage from Case to Lead Operating and Storage Temperature Range
Note: 1. Thermal resistance junction to case per element mounted on 220 x 220 x 50mm thick AL plate.
KBPC40, 50GS SERIES
1 of 3
(c) 2002 Won-Top Electronics
IF, AVERAGE FORWARD CURRENT (A)
KBPC50
Mounted on a 220 x 220 x 50 mm AL plate heatsink
45
KBPC40
IF, INSTANTANEOUS FORWARD CURRENT (A)
60
100
10
KBPC40
30
1.0
KBPC50
15
0.1
Tj = 25C
Resistive or Inductive load
Pulse Width = 300s
0
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0
25
50
75
100
125
150
TC, CASE TEMPERATURE (C) Fig. 1 Forward. Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics (per element)
IFSM, PEAK FWD. SURGE CURRENT (A)
400
Single Half-Sine Wave (JEDEC Method)
1000
f = 1 Mhz Tj = 25C
300
Cj, CAPACITANCE (pF)
Tj = 150C
200
100
100
0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current 100
Tj = 125C
100
10 0.1 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance (per element) 1.0
IR, INSTANTANEOUS REVERSE CURRENT (A)
10
1.0
0.1
Tj = 25C
0.01 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics (per element)
KBPC40, 50GS SERIES
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
KBPCxx00GS KBPCxx01GS KBPCxx02GS KBPCxx04GS KBPCxx06GS KBPCxx08GS KBPCxx10GS
Package Type
SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge
Shipping Quantity
72 Units/Box 72 Units/Box 72 Units/Box 72 Units/Box 72 Units/Box 72 Units/Box 72 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
KBPC40, 50GS SERIES
3 of 3


▲Up To Search▲   

 
Price & Availability of KBPC4004GS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X